Part Number Hot Search : 
57BYG008 PE6115 R5F2L388 35ATE5 6V4X5TB SF2039B 133BG 6712VT
Product Description
Full Text Search
 

To Download 1F110241-P81C0L-AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to chang e, please call your nearest foxconn sales represent ative for update information. specifications future bus connector 1f series header press fit type 2.0mm pitch 4 row s mechanical contact retention force: 1.0kg min. electrical voltage rating: 750v current rating: 1a contact resistance: 45m w max. dielectrical withstanding voltage: 1000v insulation resistance: 1000m w min. physical housing: lcp, ul 94-0 rated, ivory white contact: phosphor bronze plating: see ordering information drawing ordering i nf or mati o n mating area plating: 1=gold flash 3=0.76um(30u")min. gold plating 5=1.27um(50u")min. gold plating 6=0.25um(10u")min. gold plating a=0.76um(30u")min. fpt plating, 0.25um(10u")min. gold included product no.: 1 f 1 1 0 2 4 * - p * * c 0 * - * * pos. no.: 024=024 pos. lead free code: n=none f=lead free package type: a=tube extension code: n,t,l,r tail style: p=press fit body style tail length(dim.t) 8=2.9mm mating length(dim.m) 1=5.00mm 3=6.50 mm


▲Up To Search▲   

 
Price & Availability of 1F110241-P81C0L-AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X